|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Data Sheet 1.0 Amp SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions JEDEC D0-41 .080 .107 .205 .160 1.00 Min. Description .031 typ. Features n EXTREMELY LOW VF n LOW POWER LOSS HIGH EFFICIENCY Electrical Characteristics @ 25 O C. Maximum Ratings Peak Repetitive Reverse Voltage...VRRM Working Peak Reverse Voltage...VRWM DC Blocking Voltage...VDC RMS Reverse Voltage...VR(rms) Average Forward Rectified Current...IF(av) @ TA = 55C Non-Repetitive Peak Forward Surge Current...IFSM @ Rated Load Conditions, 1/2 Wave, 60 HZ, TI = 75C Forward Voltage...VF @ IF = 3.0 Amps DC Reverse Current...IR @ Rated DC Blocking Voltage n LOW STORED CHARGE; MAJORITY CARRIER CONDUCTION n MEETS UL SPECIFICATION 94V-0 IN5817, 18 & 19 Series IN5817 20 20 20 14 IN5818 30 30 30 21 IN5819 40 40 40 28 Units Volts Volts Volts Volts Amps Amps Volts mAmps mAmps pF C ............................................. 1.0 ............................................... ............................................. 2 5 ............................................... .450 .550 .600 Typical Junction Capacitance...CJ 110 < ...................... .70 .................... > Operating & Storage Temperature Range...TJ, TSTRG ....................................... -65 to 125 ............................................ Instantaneous Forward Characteristics Typical Reverse Characteristics Typical Junction Capacitance Reverse Current (mA) TJ = 125oC 1N5817 TI = 25C TI = 100C ............................................. 1.0 ............................................... ............................................. 1 0 ............................................... TJ = 25oC pF TJ = 75oC Current (Amps) 1N5819 Reverse Voltage (Volts) Forward Voltage (Volts) Reverse Voltage (VR) - Volts Page 7-3 1N5817, 18 & 19 Series |
Price & Availability of IN5818 |